công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-E/PT bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện PIC18LF4331-E/PT
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/PT bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button PIC18LF4331-E/PT Datasheet HTML 66Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 67Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 68Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 69Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 70Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 71Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 72Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 73Page - Microchip Technology PIC18LF4331-E/PT Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 70
 2010 Microchip Technology Inc.
TABLE 6-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
STKPTR
STKFUL
STKUNF
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
PCLATU
—
—bit 21(3)
Holding Register for PC<20:16>
---0 0000
PCLATH
Holding Register for PC<15:8>
0000 0000
PCL
PC Low Byte (PC<7:0>)
0000 0000
TBLPTRU
—
—bit 21(3)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
TABLAT
Program Memory Table Latch
0000 0000
PRODH
Product Register High Byte
xxxx xxxx
PRODL
Product Register Low Byte
xxxx xxxx
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register)
N/A
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- xxxx
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
WREG
Working Register
xxxx xxxx
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register)
N/A
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- 0000
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
BSR
—
—
—
—
Bank Select Register
---- 0000
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register)
N/A
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- 0000
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
TMR0H
Timer0 Register High Byte
0000 0000
TMR0L
Timer0 Register Low Byte
xxxx xxxx
T0CON
TMR0ON
T016BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented.
Note 1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator modes only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
These registers and/or bits are not implemented on the PIC18F2331/2431 devices and read as ‘0’.
5:
The RE3 port bit is only available for PIC18F4331/4431 devices when the MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’; otherwise, RE3
reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com