công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST25WF040 bảng dữ liệu(PDF) 32 Page - Silicon Storage Technology, Inc

tên linh kiện SST25WF040
Giải thích chi tiết về linh kiện  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF040 bảng dữ liệu(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST25WF040 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST25WF040 Datasheet HTML 32Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
TABLE 18: Revision History
Number
Description
Date
00
•
Initial release of data sheet
Nov 2006
01
•
Removed “Commercial” Temperature Range
•
Added references to Tables 6 and 7 in “Block-Protection (BP2, BP1, BP0)” on
page 8
•
Modified EWSR and WREN footnote information and updated EBSY Op Code
Cycle in Tables 9 and 10
•
Re-phrased first paragraph in “Instructions” on page 10
•
Updated “Byte-Program” on page 13
•
Clarified SO pin statement in second paragraph of “Hardware End-of-Write Detec-
tion” on page 14
•
Added Industrial (extended) values to Operating Range in “Electrical Specifica-
tions” on page 22
•
Added “Power-Up Specifications” on page 23
•
Added typical values to Table 14 on page 25
•
Added contact-lead composition, updated minimum endurance from 10,000 to
100,000 cycles, and changed product valid combinations in “Product Ordering
Information” on page 29
Feb 2007
02
•
Added SST25WF040 product to this data sheet
•
Changed 01/02/03 in Figure 21 to Byte 3 and revised note.
•
Updated ILO and ILI values in Table 14
•
Updated TCPH values in Table 17
Aug 2007
03
•
Corrected heading typo throughout
•
Modified Table 8 on page 9
Oct 2007
04
•
Updated Power Consumption Specs in Features on page 1 and in Table 14 on
page 25
•
Changed Standby Current to 2 µA in Features
•
Edited Table 14, “DC Operating Characteristics,” on page 25
IDDR2 Typ 4 mA and ISB Typ/Max 2/8 µA
May 2008
05
•
Changed document status from Preliminary Specification to Data sheet
Aug 2008
06
•
Added information for QAE package.
Aug 2009
07
•
Revised footnote for Table , “Operating Range,” on page 22
Sep 2009
08
•
Added valid combination SST25WF040-40-5I-QAE
Nov 2009
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com