| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25VF040B bảng dữ liệu(PDF) 13 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF040B bảng dữ liệu(HTML) 13 Page - Silicon Storage Technology, Inc |
|
13 / 33 page ![]() Data Sheet 4 Mbit SPI Serial Flash SST25VF040B 13 ©2009 Silicon Storage Technology, Inc. S71295-05-000 10/09 FIGURE 9: Disable SO as Hardware RY/BY# during AAI Programming FIGURE 10: Auto Address Increment (AAI) Word-Program Sequence with Hardware End-of-Write Detection CE# SO SI SCK 01 2 3 4 5 6 7 80 HIGH IMPEDANCE MODE 0 MODE 3 1295 DisableSO.0 MSB CE# SI SCK SO DOUT 1295 AAI.HW.0 Last 2 Data Bytes WDRI to exit AAI Mode Wait TBP or poll Software Status register to load any command Check for Flash Busy Status to load next valid 1 command Load AAI command, Address, 2 bytes data Note: 1. Valid commands during AAI programming: AAI command or WRDI command 2. User must configure the SO pin to output Flash Busy status during AAI programming 07 8 32 47 15 16 23 24 31 0 40 39 7 8 15 16 23 7 8 15 16 23 70 15 78 00 AA A AD D0 AD MODE 3 MODE 0 D1 D2 D3 AD Dn-1 Dn WRDI RDSR |