công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSM22DPRI bảng dữ liệu(PDF) 12 Page - Schurter Inc.

tên linh kiện MSM22DPRI
Giải thích chi tiết về linh kiện  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22DPRI bảng dữ liệu(HTML) 12 Page - Schurter Inc.

Back Button MSM22DPRI Datasheet HTML 8Page - Schurter Inc. MSM22DPRI Datasheet HTML 9Page - Schurter Inc. MSM22DPRI Datasheet HTML 10Page - Schurter Inc. MSM22DPRI Datasheet HTML 11Page - Schurter Inc. MSM22DPRI Datasheet HTML 12Page - Schurter Inc. MSM22DPRI Datasheet HTML 13Page - Schurter Inc. MSM22DPRI Datasheet HTML 14Page - Schurter Inc. MSM22DPRI Datasheet HTML 15Page - Schurter Inc. MSM22DPRI Datasheet HTML 16Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
12 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00
3
ORDER NUMBERS
3.1
Order numbers MSM with micro switches of protection class IP40 (double-pole)
Mounting Diameter (mm)
Ø 19
Ø 22
Ø 30
Electrical Rating max. 5 A / 125 VAC or 3 A / 250 VAC
Standard
1241.6921.1120000
1241.6931.1120000
1241.6961.1120000
With Lettering
1241.6922.1120000
1241.6932.1120000
1241.6962.1120000
Point Illumination red
1241.6923.1121000
1241.6933.1121000
1241.6963.1121000
Point Illumination green
1241.6923.1122000
1241.6933.1122000
1241.6963.1122000
Point Illumination blue
1241.6923.1124000
1241.6933.1124000
1241.6963.1124000
Ring Illumination red
1241.6924.1121000
1241.6934.1121000
1241.6964.1121000
Ring Illumination green
1241.6924.1122000
1241.6934.1122000
1241.6964.1122000
Ring Illumination blue
1241.6924.1124000
1241.6934.1124000
1241.6964.1124000
Installation Wrench
1141.1337
Italically written types on request
At a minimum order quantity of 100 pieces the ring illuminated version with lettering is available
on request.
Additional switch types with the following electrical ratings are available on request:
0.1 A@30VDC, 10A@250VAC and also 5A@250VAC with IP67 protection class.
For these customized versions a minimum order quantity of 100 pieces has to be fulfilled.
For other types of the MSM product family, please visit:
http://www.schurter.de/wwwsc/con_pg70.asp?language_id=10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com