| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM22LE bảng dữ liệu(PDF) 15 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
MSM22LE bảng dữ liệu(HTML) 15 Page - Schurter Inc. |
|
15 / 17 page ![]() SCHURTER GmbH D – 79346 Endingen www.schurter.com 5 QUALIFICATION TESTS IP degree of protection IP degree of protection IEC/DIN/EN/ 60529 IP 67 IK protection class IK protection class DIN EN 50102 16 mm diam.: IK 06 19; 22; 30 mm diam.: IK 07 Salt spray test Salt spray test according to DIN 50021- SS 24h, 48h and 96h residence time The surface of the stainless steel material is covered with a molecular-passiv layer. Only under very unfavourable conditions is it possible, that iron and rust molecules as well as base medals as foreign substances(pollutions) the passiv layer penetrate, hence initiate the rust process. The smoothness of the actuator was not affected. After the residence time the tested samples were cleaned under running water and all rust spots removed. 6 Approvals The listed approvals only refer to the micro switch and not to the complete switch. Micro switch: Type Licence number ENEC VDE UL 1054 CSA C22.2 NO55 1050.1151 2A 97550 DIN EN 61058 E41791 1050.1102 5A 97550 DIN EN 61058 E41791 1050.1103 10A 97550 DIN EN 61058 E41791 SS-01 T 40008425 DIN EN 61058 E41515 SS-5 T 129246 DIN EN 61058 E41515 SS-10 T 125256 DIN EN 61058 E41515 DB 3GB1BA0,1A DIN EN 61058 E23301 DB 2GB1BA 6A DIN EN 61058 E23301 DB 1GB1BA 10A DIN EN 61058 E23301 Changes that contribute to technical improvement are subject to alternations Page Production date: Produced by: Modification date: Modified by: Modification No. Data sheet No. Index 15 of 17 05.11.2004 Ullmer 26.04.2006 Birmelin 9224 105.9502 f Print date: 26.04.2006 11:47 |