| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF721-E/P bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF721-E/P bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 41 PIC16F/LF720/721 4.5.2 PIE1 REGISTER The PIE1 register contains the interrupt enable bits, as shown in Register 4-2. Note: Bit PEIE of the INTCON register must be set to enable any peripheral interrupt. REGISTER 4-2: PIE1: PERIPHERAL INTERRUPT ENABLE REGISTER 1 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 TMR1GIE: Timer1 Gate Interrupt Enable bit 1 = Enable the Timer1 gate acquisition complete interrupt 0 = Disable the Timer1 gate acquisition complete interrupt bit 6 ADIE: A/D Converter (ADC) Interrupt Enable bit 1 = Enables the ADC interrupt 0 = Disables the ADC interrupt bit 5 RCIE: USART Receive Interrupt Enable bit 1 = Enables the USART receive interrupt 0 = Disables the USART receive interrupt bit 4 TXIE: USART Transmit Interrupt Enable bit 1 = Enables the USART transmit interrupt 0 = Disables the USART transmit interrupt bit 3 SSPIE: Synchronous Serial Port (SSP) Interrupt Enable bit 1 = Enables the SSP interrupt 0 = Disables the SSP interrupt bit 2 CCP1IE: CCP1 Interrupt Enable bit 1 = Enables the CCP1 interrupt 0 = Disables the CCP1 interrupt bit 1 TMR2IE: TMR2 to PR2 Match Interrupt Enable bit 1 = Enables the Timer2 to PR2 match interrupt 0 = Disables the Timer2 to PR2 match interrupt bit 0 TMR1IE: Timer1 Overflow Interrupt Enable bit 1 = Enables the Timer1 overflow interrupt 0 = Disables the Timer1 overflow interrupt |