| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-MV/SS bảng dữ liệu(PDF) 120 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-MV/SS bảng dữ liệu(HTML) 120 Page - Microchip Technology |
|
120 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 120 2010 Microchip Technology Inc. FIGURE 16-2: AUSART RECEIVE BLOCK DIAGRAM The operation of the AUSART module is controlled through two registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) These registers are detailed in Register 16-1 and Register 16-2, respectively. RX/DT Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 Stop START (8) 7 1 0 RX9 • • • SPBRG FOSC ÷ n n + 1 Multiplier x4 x16 x64 SYNC 100 BRGH x10 Baud Rate Generator |