| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-MV/SS bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-MV/SS bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 11 PIC16F/LF720/721 TABLE 1-1: PINOUT DESCRIPTION Name Function IN OUT Description RA0/AN0/ICSPDAT RA0 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN0 AN — A/D Channel 0 Input. ICSPDAT ST CMOS Serial mode Schmitt Trigger. ICDDAT ST CMOS Debug mode Schmitt Trigger. RA1/AN1/ICSPCLK RA1 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN1 AN — A/D Channel 1 Input. ICSPCLK ST — Serial mode Schmitt Trigger. ICDCLK ST CMOS Debug mode Schmitt Trigger. RA2/AN2/T0CKI/INT RA2 ST CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN2 AN — A/D Channel 2 Input. T0CKI ST — Timer0 Clock Input. INT ST — External interrupt. RA3/MCLR/VPP RA3 TTL CMOS General purpose input only. Individually controlled interrupt-on- change. Individually enabled pull-up. MCLR ST — Master Clear Reset. Pull-up enabled when configured as MCLR. VPP HV — Programming Voltage. RA4/AN3/T1G/CLKOUT RA4 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN3 AN — A/D Channel 3 Input. T1G ST — Timer1 Gate Input. CLKOUT — CMOS FOSC/4 output. RA5/T1CKI/CLKIN RA5 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. T1CKI ST — Timer1 Clock input. CLKIN ST — External Clock Input (EC mode). RB4/AN10/SDI/SDA RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN10 AN — A/D Channel 10 Input. SDI ST — SPI Data Input. SDA ST OD I2C™ Data. RB5/AN11/RX/DT RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN11 AN — A/D Channel 11 Input. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. Legend: AN = Analog input or output, CMOS = CMOS compatible input or output, OD = Open Drain, TTL = TTL compatible input, ST = Schmitt Trigger input with CMOS levels, I2C™ = Schmitt Trigger input with I2C, HV = High Voltage, XTAL = Crystal levels |