| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF720-E/SS bảng dữ liệu(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-E/SS bảng dữ liệu(HTML) 50 Page - Microchip Technology |
|
50 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 50 2010 Microchip Technology Inc. 6.1.4 PIN DESCRIPTIONS AND DIAGRAMS Each PORTA pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the A/D Converter (ADC), refer to the appropriate section in this data sheet. 6.1.4.1 RA0/AN0/ICSPDAT Figure 6-1 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • ICSP programming data (separate controls from TRISA) • ICD Debugging data (separate controls from TRISA) 6.1.4.2 RA1/AN1/ICSPCLK Figure 6-2 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • ICSP programming clock (separate controls from TRISA) • ICD Debugging clock (separate controls from TRISA) 6.1.4.3 RA2/AN2/T0CKI/INT Figure 6-3 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • external interrupt • clock input for Timer0 The Timer0 clock input function works independently of any TRIS register setting. Effectively, if TRISA2 = 0, the PORTA2 register bit will output to the pad and Clock Timer0 at the same time. 6.1.4.4 RA3/MCLR/VPP Figure 6-4 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • Master Clear Reset with weak pull-up 6.1.4.5 RA4/AN3/T1G/CLKOUT Figure 6-5 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • analog input for the ADC • Timer1 gate input • clock output 6.1.4.6 RA5/T1CKI/CLKIN Figure 6-6 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • Timer1 Clock input • clock input |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |