| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1829-E/ST bảng dữ liệu(PDF) 254 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1829-E/ST bảng dữ liệu(HTML) 254 Page - Microchip Technology |
|
254 / 420 page ![]() PIC16F/LF1825/1829 DS41440A-page 256 Preliminary 2010 Microchip Technology Inc. 25.3 I2C MODE OVERVIEW The Inter-Integrated Circuit Bus (I²C) is a multi-master serial data communication bus. Devices communicate in a master/slave environment where the master devices initiate the communication. A Slave device is controlled through addressing. The I2C bus specifies two signal connections: • Serial Clock (SCLx) • Serial Data (SDAx) Figure 25-11 shows the block diagram of the MSSPx module when operating in I2C mode. Both the SCLx and SDAx connections are bidirectional open-drain lines, each requiring pull-up resistors for the supply voltage. Pulling the line to ground is considered a logical zero and letting the line float is considered a logical one. Figure 25-11 shows a typical connection between two processors configured as master and slave devices. The I2C bus can operate with one or more master devices and one or more slave devices. There are four potential modes of operation for a given device: • Master Transmit mode (master is transmitting data to a slave) • Master Receive mode (master is receiving data from a slave) •Slave Transmit mode (slave is transmitting data to a master) • Slave Receive mode (slave is receiving data from the master) To begin communication, a master device starts out in Master Transmit mode. The master device sends out a Start bit followed by the address byte of the slave it intends to communicate with. This is followed by a sin- gle Read/Write bit, which determines whether the mas- ter intends to transmit to or receive data from the slave device. If the requested slave exists on the bus, it will respond with an Acknowledge bit, otherwise known as an ACK. The master then continues in either Transmit mode or Receive mode and the slave continues in the comple- ment, either in Receive mode or Transmit mode, respectively. A Start bit is indicated by a high-to-low transition of the SDAx line while the SCLx line is held high. Address and data bytes are sent out, Most Significant bit (MSb) first. The Read/Write bit is sent out as a logical one when the master intends to read data from the slave, and is sent out as a logical zero when it intends to write data to the slave. FIGURE 25-11: I2C MASTER/ SLAVE CONNECTION The Acknowledge bit (ACK) is an active-low signal, which holds the SDAx line low to indicate to the trans- mitter that the slave device has received the transmit- ted data and is ready to receive more. The transition of a data bit is always performed while the SCLx line is held low. Transitions that occur while the SCLx line is held high are used to indicate Start and Stop bits. If the master intends to write to the slave, then it repeat- edly sends out a byte of data, with the slave responding after each byte with an ACK bit. In this example, the master device is in Master Transmit mode and the slave is in Slave Receive mode. If the master intends to read from the slave, then it repeatedly receives a byte of data from the slave, and responds after each byte with an ACK bit. In this exam- ple, the master device is in Master Receive mode and the slave is Slave Transmit mode. On the last byte of data communicated, the master device may end the transmission by sending a Stop bit. If the master device is in Receive mode, it sends the Stop bit in place of the last ACK bit. A Stop bit is indi- cated by a low-to-high transition of the SDAx line while the SCLx line is held high. In some cases, the master may want to maintain con- trol of the bus and re-initiate another transmission. If so, the master device may send another Start bit in place of the Stop bit or last ACK bit when it is in receive mode. The I2C bus specifies three message protocols; • Single message where a master writes data to a slave. • Single message where a master reads data from a slave. • Combined message where a master initiates a minimum of two writes, or two reads, or a combination of writes and reads, to one or more slaves. Master SCLx SDAx SCLx SDAx Slave VDD VDD |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |