công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 253 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 253 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 249Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 250Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 251Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 252Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 253Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 254Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 255Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 256Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 255
PIC16F/LF1825/1829
25.2.6
SPI OPERATION IN SLEEP MODE
In SPI Master mode, module clocks may be operating
at a different speed than when in full power mode; in
the case of the Sleep mode, all clocks are halted.
Special care must be taken by the user when the
MSSPx clock is much faster than the system clock.
In Slave mode, when MSSPx interrupts are enabled,
after the master completes sending data, an MSSPx
interrupt will wake the controller from Sleep.
If an exit from Sleep mode is not desired, MSSPx inter-
rupts should be disabled.
In SPI Master mode, when the Sleep mode is selected,
all module clocks are halted and the transmis-
sion/reception will remain in that state until the device
wakes. After the device returns to Run mode, the mod-
ule will resume transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in Sleep mode and data
to be shifted into the SPI Transmit/Receive Shift
register. When all 8 bits have been received, the
MSSPx interrupt flag bit will be set and if enabled, will
wake the device.
TABLE 25-1:
SUMMARY OF REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
129
ANSELB(1)
ANSB7
ANSB6
ANSB5
ANSB4
—
—
—
—136
ANSELC
ANSC7(1)
ANSC6(1)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
141
APFCON0
RXDTSEL
SDOSEL(2)
SSSEL(2)
—
T1GSEL
TXCKSEL
—
—125
APFCON1
—
—
SDO2SEL(1)
SS2SEL(1)
P1DSEL
P1CSEL
P2BSEL
CCP2SEL
126
INLVLA
—
—
INLVLA5(1)
INLVLA4(1)
INLVLA3
INLVLA2
INLVLA1
INLVLA0
131
INLVLB(1)
INLVLB7
INLVLB6
INLVLB5
INLVLB4
—
—
—
—136
INLVLC
INLVLC7(1)
INLVLC6(1)
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1(1)
INLVLC0(1)
142
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
94
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
98
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
249*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
294
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
296
SSP1STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
293
TRISA
—
—TRISA5(1)
TRISA4(1)
TRISA3
TRISA2
TRISA1
TRISA0
129
TRISB(1)
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—135
TRISC
TRISC7(1)
TRISC6(1)
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1(1)
TRISC0(1)
140
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP1 in SPI mode.
*
Page provides register information.
Note
1:
PIC16F/LF1829 only.
2:
PIC16F/LF1825 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com