công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-I/ST bảng dữ liệu(PDF) 144 Page - Microchip Technology

tên linh kiện PIC16F1829-I/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST bảng dữ liệu(HTML) 144 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 140Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 141Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 143Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 144Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 145Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 146Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 147Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 144
Preliminary
 2010 Microchip Technology Inc.
REGISTER 13-1:
IOCAP: INTERRUPT-ON-CHANGE PORTA POSITIVE EDGE REGISTER
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
IOCAP<5:0>: Interrupt-on-Change PORTA Positive Edge Enable bits
1 = Interrupt-on-Change enabled on the pin for a positive going edge. Associated Status bit and interrupt
flag will be set upon detecting an edge.
0 = Interrupt-on-Change disabled for the associated pin.
REGISTER 13-2:
IOCAN: INTERRUPT-ON-CHANGE PORTA NEGATIVE EDGE REGISTER
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
IOCAN<5:0>: Interrupt-on-Change PORTA Negative Edge Enable bits
1 = Interrupt-on-Change enabled on the pin for a negative going edge. Associated Status bit and interrupt
flag will be set upon detecting an edge.
0 = Interrupt-on-Change disabled for the associated pin.
REGISTER 13-3:
IOCAF: INTERRUPT-ON-CHANGE PORTA FLAG REGISTER
U-0
U-0
R/W/HS-0/0
R/W/HS-0/0
R/W/HS-0/0
R/W/HS-0/0
R/W/HS-0/0
R/W/HS-0/0
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS - Bit is set in hardware
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
IOCAF<5:0>: Interrupt-on-Change PORTA Flag bits
1 = An enabled change was detected on the associated pin.
Set when IOCAPx = 1 and a rising edge was detected on RAx, or when IOCANx = 1 and a falling edge
was detected on RAx.
0 = No change was detected, or the user cleared the detected change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com