công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-I/ST bảng dữ liệu(PDF) 62 Page - Microchip Technology

tên linh kiện PIC16F1829-I/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST bảng dữ liệu(HTML) 62 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 58Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 59Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 60Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 61Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 62Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 63Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 64Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 65Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 62
Preliminary
 2010 Microchip Technology Inc.
5.2.2
INTERNAL CLOCK SOURCES
The device may be configured to use the internal oscil-
lator block as the system clock by performing one of the
following actions:
• Program the FOSC<2:0> bits in Configuration
Word 1 to select the INTOSC clock source, which
will be used as the default system clock upon a
device Reset.
• Write the SCS<1:0> bits in the OSCCON register
to switch the system clock source to the internal
oscillator during run-time. See Section 5.3
“Clock Switching”for more information.
In INTOSC mode, OSC1/CLKIN is available for general
purpose I/O. OSC2/CLKOUT is available for general
purpose I/O or CLKOUT.
The function of the OSC2/CLKOUT pin is determined
by the state of the CLKOUTEN bit in Configuration
Word 1.
The internal oscillator block has two independent
oscillators and a dedicated Phase-Locked Loop,
HFPLL that can produce one of three internal system
clock sources.
1.
The
HFINTOSC
(High-Frequency
Internal
Oscillator) is factory calibrated and operates at
16 MHz. The HFINTOSC source is generated
from the 500 kHz MFINTOSC source and the
dedicated Phase-Locked Loop, HFPLL. The
frequency
of
the
HFINTOSC
can
be
user-adjusted via software using the OSCTUNE
register (Register 5-3).
2.
The MFINTOSC (Medium-Frequency Internal
Oscillator) is factory calibrated and operates at
500 kHz. The frequency of the MFINTOSC can
be user-adjusted via software using the
OSCTUNE register (Register 5-3).
3.
The
LFINTOSC
(Low-Frequency
Internal
Oscillator) is uncalibrated and operates at
31 kHz.
5.2.2.1
HFINTOSC
The High-Frequency Internal Oscillator (HFINTOSC) is
a factory calibrated 16 MHz internal clock source. The
frequency of the HFINTOSC can be altered via
software using the OSCTUNE register (Register 5-3).
The output of the HFINTOSC connects to a postscaler
and multiplexer (see Figure 5-1). One of nine
frequencies derived from the HFINTOSC can be
selected via software using the IRCF<3:0> bits of the
OSCCON register. See Section 5.2.2.7 “Internal
Oscillator Clock Switch Timing” for more information.
The HFINTOSC is enabled by:
• Configure the IRCF<3:0> bits of the OSCCON
register for the desired HF frequency, and
•FOSC<2:0> = 100, or
• Set the System Clock Source (SCS) bits of the
OSCCON register to ‘1x’.
The High Frequency Internal Oscillator Ready bit
(HFIOFR) of the OSCSTAT register indicates when the
HFINTOSC is running and can be utilized.
The High Frequency Internal Oscillator Status Locked
bit (HFIOFL) of the OSCSTAT register indicates when
the HFINTOSC is running within 2% of its final value.
The High Frequency Internal Oscillator Status Stable
bit (HFIOFS) of the OSCSTAT register indicates when
the HFINTOSC is running within 0.5% of its final value.
5.2.2.2
MFINTOSC
The
Medium-Frequency
Internal
Oscillator
(MFINTOSC) is a factory calibrated 500 kHz internal
clock source. The frequency of the MFINTOSC can be
altered via software using the OSCTUNE register
(Register 5-3).
The output of the MFINTOSC connects to a postscaler
and multiplexer (see Figure 5-1). One of nine
frequencies derived from the MFINTOSC can be
selected via software using the IRCF<3:0> bits of the
OSCCON register. See Section 5.2.2.7 “Internal
Oscillator Clock Switch Timing” for more information.
The MFINTOSC is enabled by:
• Configure the IRCF<3:0> bits of the OSCCON
register for the desired HF frequency, and
•FOSC<2:0> = 100, or
• Set the System Clock Source (SCS) bits of the
OSCCON register to ‘1x’
The Medium Frequency Internal Oscillator Ready bit
(MFIOFR) of the OSCSTAT register indicates when the
MFINTOSC is running and can be utilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com