công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-I/ST bảng dữ liệu(PDF) 290 Page - Microchip Technology

tên linh kiện PIC16F1829-I/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST bảng dữ liệu(HTML) 290 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 286Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 287Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 288Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 289Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 290Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 291Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 292Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 293Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 292
Preliminary
 2010 Microchip Technology Inc.
25.7
BAUD RATE GENERATOR
The MSSPx module has a Baud Rate Generator avail-
able for clock generation in both I2C and SPI Master
modes. The Baud Rate Generator (BRG) reload value
is placed in the SSPxADD register (Register 25-6).
When a write occurs to SSPxBUF, the Baud Rate Gen-
erator will automatically begin counting down.
Once the given operation is complete, the internal clock
will automatically stop counting and the clock pin will
remain in its last state.
An internal signal “Reload” in Figure 25-39 triggers the
value from SSPxADD to be loaded into the BRG
counter. This occurs twice for each oscillation of the
module clock line. The logic dictating when the reload
signal is asserted depends on the mode the MSSPx is
being operated in.
Table 25-4 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPxADD.
EQUATION 25-1:
FIGURE 25-40:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 25-4:
MSSPX CLOCK RATE W/BRG
FCLOCK
FOSC
SSPxADD
1
+
 4

-------------------------------------------------
=
Note: Values of 0x00, 0x01 and 0x02 are not valid
for SSPxADD when used as a Baud Rate
Generator for I2C. This is an implementation
limitation.
FOSC
FCY
BRG Value
FCLOCK
(2 Rollovers of BRG)
32 MHz
8 MHz
13h
400 kHz(1)
32 MHz
8 MHz
19h
308 kHz
32 MHz
8 MHz
4Fh
100 kHz
16 MHz
4 MHz
09h
400 kHz(1)
16 MHz
4 MHz
0Ch
308 kHz
16 MHz
4 MHz
27h
100 kHz
4 MHz
1 MHz
09h
100 kHz
Note 1:
The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.
SSPxM<3:0>
BRG Down Counter
SSPxCLK
FOSC/2
SSPxADD<7:0>
SSPxM<3:0>
SCLx
Reload
Control
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com