công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-I/ST bảng dữ liệu(PDF) 272 Page - Microchip Technology

tên linh kiện PIC16F1829-I/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST bảng dữ liệu(HTML) 272 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 268Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 269Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 270Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 271Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 272Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 273Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 274Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 275Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 274
Preliminary
 2010 Microchip Technology Inc.
25.5.6
CLOCK STRETCHING
Clock stretching occurs when a device on the bus
holds the SCLx line low effectively pausing communi-
cation. The slave may stretch the clock to allow more
time to handle data or prepare a response for the mas-
ter device. A master device is not concerned with
stretching as anytime it is active on the bus and not
transferring data it is stretching. Any stretching done
by a slave is invisible to the master software and han-
dled by the hardware that generates SCLx.
The CKP bit of the SSPxCON1 register is used to con-
trol stretching in software. Any time the CKP bit is
cleared, the module will wait for the SCLx line to go
low and then hold it. Setting CKP will release SCLx
and allow more communication.
25.5.6.1
Normal Clock Stretching
Following an ACK if the R/W bit of SSPxSTAT is set, a
read request, the slave hardware will clear CKP. This
allows the slave time to update SSPxBUF with data to
transfer to the master. If the SEN bit of SSPxCON2 is
set, the slave hardware will always stretch the clock
after the ACK sequence. Once the slave is ready; CKP
is set by software and communication resumes.
25.5.6.2
10-bit Addressing Mode
In 10-bit Addressing mode, when the UA bit is set, the
clock is always stretched. This is the only time the
SCLx is stretched without CKP being cleared. SCLx is
released immediately after a write to SSPxADD.
25.5.6.3
Byte NACKing
When AHEN bit of SSPxCON3 is set; CKP is cleared
by hardware after the 8th falling edge of SCLx for a
received matching address byte. When DHEN bit of
SSPxCON3 is set; CKP is cleared after the 8th falling
edge of SCLx for received data.
Stretching after the 8th falling edge of SCLx allows the
slave to look at the received address or data and
decide if it wants to ACK the received data.
25.5.7
CLOCK SYNCHRONIZATION AND
THE CKP BIT
Any time the CKP bit is cleared, the module will wait
for the SCLx line to go low and then hold it. However,
clearing the CKP bit will not assert the SCLx output
low until the SCLx output is already sampled low.
Therefore, the CKP bit will not assert the SCLx line
until an external I2C master device has already
asserted the SCLx line. The SCLx output will remain
low until the CKP bit is set and all other devices on the
I2C bus have released SCLx. This ensures that a write
to the CKP bit will not violate the minimum high time
requirement for SCLx (see Figure 25-22).
FIGURE 25-23:
CLOCK SYNCHRONIZATION TIMING
Note 1: The BF bit has no effect on if the clock will
be stretched or not. This is different than
previous versions of the module that
would not stretch the clock, clear CKP, if
SSPxBUF was read before the 9th falling
edge of SCLx.
2: Previous versions of the module did not
stretch the clock for a transmission if
SSPxBUF was loaded before the 9th fall-
ing edge of SCLx. It is now always cleared
for read requests.
Note: Previous versions of the module did not
stretch the clock if the second address byte
did not match.
SDAx
SCLx
DX ‚
– 1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPxCON1
CKP
Master device
releases clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com