công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331 bảng dữ liệu(PDF) 334 Page - Microchip Technology

tên linh kiện PIC18LF4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 bảng dữ liệu(HTML) 334 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 330Page - Microchip Technology PIC18LF4331 Datasheet HTML 331Page - Microchip Technology PIC18LF4331 Datasheet HTML 332Page - Microchip Technology PIC18LF4331 Datasheet HTML 333Page - Microchip Technology PIC18LF4331 Datasheet HTML 334Page - Microchip Technology PIC18LF4331 Datasheet HTML 335Page - Microchip Technology PIC18LF4331 Datasheet HTML 336Page - Microchip Technology PIC18LF4331 Datasheet HTML 337Page - Microchip Technology PIC18LF4331 Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 334
 2010 Microchip Technology Inc.
Supply Current (IDD)(2,3)
PIC18LF2X31/4X31
4.7
8
A
-40°C
VDD = 2.0V
FOSC = 31 KHz
(RC_IDLE mode,
Internal oscillator source)
5.0
8
A+25°C
5.8
11
A+85°C
PIC18LF2X31/4X31
7.0
11
A
-40°C
VDD = 3.0V
7.8
11
A+25°C
8.7
15
A+85°C
All devices
12
16
A
-40°C
VDD = 5.0V
14
16
A+25°C
14
22
A+85°C
200
850
A
+125°C
PIC18LF2X31/4X31
75
150
A
-40°C
VDD = 2.0V
FOSC = 1 MHz
(RC_IDLE mode,
Internal oscillator source)
85
150
A+25°C
95
150
A+85°C
PIC18LF2X31/4X31
110
180
A
-40°C
VDD = 3.0V
125
180
A+25°C
135
180
A+85°C
All devices
180
300
A
-40°C
VDD = 5.0V
195
300
A+25°C
200
300
A+85°C
300
750
A
+125°C
PIC18LF2X31/4X31
175
275
A
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC_IDLE mode,
Internal oscillator source)
185
275
A+25°C
195
275
A+85°C
PIC18LF2X31/4X31
265
375
A
-40°C
VDD = 3.0V
280
375
A+25°C
300
375
A+85°C
All devices
475
800
A
-40°C
VDD = 5.0V
500
800
A+25°C
505
800
A+85°C
0.7
1.6
mA
+125°C
26.2
DC Characteristics: Power-Down and Supply Current
PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial) (Continued)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS, and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula: Ir = VDD/2REXT (mA) with REXT in k
.
4:
Standard, low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com