công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331 bảng dữ liệu(PDF) 331 Page - Microchip Technology

tên linh kiện PIC18LF4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 bảng dữ liệu(HTML) 331 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 327Page - Microchip Technology PIC18LF4331 Datasheet HTML 328Page - Microchip Technology PIC18LF4331 Datasheet HTML 329Page - Microchip Technology PIC18LF4331 Datasheet HTML 330Page - Microchip Technology PIC18LF4331 Datasheet HTML 331Page - Microchip Technology PIC18LF4331 Datasheet HTML 332Page - Microchip Technology PIC18LF4331 Datasheet HTML 333Page - Microchip Technology PIC18LF4331 Datasheet HTML 334Page - Microchip Technology PIC18LF4331 Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 331
PIC18F2331/2431/4331/4431
26.1
DC Characteristics: Supply Voltage
PIC18F2331/2431/4331/4431 (Industrial, Extended)
PIC18LF2331/2431/4331/4431 (Industrial)
PIC18LF2331/2431/4331/4431
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
PIC18F2331/2431/4331/4431
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
D001
VDD
Supply Voltage
PIC18LF2X31/4X31
2.0
—
5.5
V
PIC18F2X31/4X31
4.2
—
5.5
V
D001C
AVDD
Analog Supply Voltage
VDD – 0.3
—
VDD + 0.3
V
D001D
AVSS
Analog Ground Voltage
VSS – 0.3
—
VSS + 0.3
V
D002
VDR
RAM Data Retention
Voltage(1)
1.5
—
—
V
D003
VPOR
VDD Start Voltage
to Ensure Internal
Power-on Reset Signal
—
—
0.7
V
See section on Power-on Reset for details
D004
SVDD
VDD Rise Rate
to Ensure Internal
Power-on Reset Signal
0.05
—
—
V/ms See section on Power-on Reset for details
D005A
VBOR
Brown-out Reset Voltage
PIC18LF2X31/4X31 Industrial Low Voltage (-10
C to +85C)
BORV<1:0> = 11
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 10
2.50
2.72
2.94
V
BORV<1:0> = 01
3.88
4.22
4.56
V
BORV<1:0> = 00
4.18
4.54
4.90
V
D005B
PIC18LF2X31/4X31 Industrial Low Voltage (-40
C to -10C)
BORV<1:0> = 11
N/A
N/A
N/A
V
Reserved
BORV<1:0>= 10
2.34
2.72
3.10
V
BORV<1:0> = 01
3.63
4.22
4.81
V
BORV<1:0> = 00
3.90
4.54
5.18
V
D005C
PIC18F2X31/4X31 Industrial (-10
C to +85C)
BORV<1:0>= 1x
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 01
3.88
4.22
4.56
V
(Note 2)
BORV<1:0> = 00
4.18
4.54
4.90
V
(Note 2)
D005D
PIC18F2X31/4X31 Industrial (-40
C to -10C)
BORV<1:0>= 1x
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 01
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 00
3.90
4.54
5.18
V
(Note 2)
D005E
PIC18F2X31/4X31 Extended (-10
C to +85C)
BORV<1:0> = 1x
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 01
3.88
4.22
4.56
V
(Note 2)
BORV<1:0> = 00
4.18
4.54
4.90
V
(Note 2)
D005F
PIC18F2X31/4X31 Extended (-40
C to -10C, +85C to +125C)
BORV<1:0> = 1x
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 01
N/A
N/A
N/A
V
Reserved
BORV<1:0> = 00
3.90
4.54
5.18
V
(Note 2)
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM data.
2:
When BOR is on and BORV<1:0> = 0x, the device will operate correctly at 40 MHz for any VDD at which the BOR allows
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com