công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F720-I/P bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện PIC16F720-I/P
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/P bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button PIC16F720-I/P Datasheet HTML 26Page - Microchip Technology PIC16F720-I/P Datasheet HTML 27Page - Microchip Technology PIC16F720-I/P Datasheet HTML 28Page - Microchip Technology PIC16F720-I/P Datasheet HTML 29Page - Microchip Technology PIC16F720-I/P Datasheet HTML 30Page - Microchip Technology PIC16F720-I/P Datasheet HTML 31Page - Microchip Technology PIC16F720-I/P Datasheet HTML 32Page - Microchip Technology PIC16F720-I/P Datasheet HTML 33Page - Microchip Technology PIC16F720-I/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 30
 2010 Microchip Technology Inc.
3.4.2
WDT CONTROL
The WDTE bit is located in the Configuration Word
Register 1. When set, the WDT runs continuously.
The PSA and PS<2:0> bits of the OPTION register
control the WDT period. See Section 12.0 “Timer0
Module” for more information.
FIGURE 3-1:
WATCHDOG TIMER BLOCK DIAGRAM
From TMR0
Postscaler
8
PS<2:0>
PSA
TO TMR0
1
1
0
0
Clock Source
To T1G
Divide by
512
WDTE
TMR1GE
T1GSS = 11
WDTE
WDT Reset
Low-Power
WDT OSC
TABLE 3-3:
WDT STATUS
Conditions
WDT
WDTE = 0
Cleared
CLRWDT
Command
Exit Sleep + System Clock = INTOSC, EXTCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More