| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F720-E/ML bảng dữ liệu(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/ML bảng dữ liệu(HTML) 76 Page - Microchip Technology |
|
76 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 76 2010 Microchip Technology Inc. 8.2 Code Protection If the code protection bit(s) have not been programmed, the on-chip program memory can be read out using ICSP™ for verification purposes. 8.3 User ID Four memory locations (2000h-2003h) are designated as ID locations where the user can store checksum or other code identification numbers. These locations are not accessible during normal execution, but are read- able and writable during Program/Verify mode. Only the Least Significant 7 bits of the ID locations are reported when using MPLAB® IDE. See the “PIC16F72X/PIC16LF72X Memory Programming Specification” (DS41332) for more information. Note: The entire Flash program memory will be erased when the code protection is turned off. See the “PIC16F72X/PIC16LF72X Memory Programming Specification” (DS41332) for more information. |