công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF721 bảng dữ liệu(PDF) 166 Page - Microchip Technology

tên linh kiện PIC16LF721
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF721 bảng dữ liệu(HTML) 166 Page - Microchip Technology

Back Button PIC16LF721 Datasheet HTML 162Page - Microchip Technology PIC16LF721 Datasheet HTML 163Page - Microchip Technology PIC16LF721 Datasheet HTML 164Page - Microchip Technology PIC16LF721 Datasheet HTML 165Page - Microchip Technology PIC16LF721 Datasheet HTML 166Page - Microchip Technology PIC16LF721 Datasheet HTML 167Page - Microchip Technology PIC16LF721 Datasheet HTML 168Page - Microchip Technology PIC16LF721 Datasheet HTML 169Page - Microchip Technology PIC16LF721 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 166
 2010 Microchip Technology Inc.
18.6
Protection Against Spurious Write
There are conditions when the device should not write
to the program memory. To protect against spurious
writes, various mechanisms have been built in. On
power-up, WREN is cleared. Also, the Power-up Timer
(64 ms duration) prevents program memory writes.
The write initiates sequence and the WREN bit helps
prevent an accidental write during brown-out, power
glitch or software malfunction.
18.7
Operation During Code-Protect
When the device is code-protected, the CPU is able to
read and write unscrambled data to the program
memory.
18.8
Operation During Write-Protect
When the program memory is write-protected, the CPU
can read and execute from the program memory.
The
portions
of
program
memory
that
are
write-protected can be modified by the CPU using the
PMCON registers, but the protected program memory
cannot be modified using ICSP mode.
REGISTER 18-1:
PMCON1: PROGRAM MEMORY CONTROL 1 REGISTER
U-1
R/W-0/0
R/W-0/0
R/W/HC-0/0
U-0
R/W-0/0
R/S/HC-0/0
R/S/HC-0/0
—CFGS
LWLO
FREE
—WREN
WR
RD
bit 7
bit 0
Legend:
S = Setable bit, cleared in hardware
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘1’
bit 6
CFGS: Flash Program/Data EEPROM or Configuration Select bit
1
=
Accesses Configuration, user ID and device ID registers
0
=
Accesses Flash program
bit 5
LWLO: Load Write Latches Only bit
1
=
The next WR command does not initiate a write to the PFM; only the program memory
latches are updated.
0
=
The next WR command writes a value from EEDATH:EEDATL into program memory latches
and initiates a write to the PFM of all the data stored in the program memory latches.
bit 4
FREE: Program Flash Erase Enable bit
1
=
Perform an program Flash erase operation on the next WR command (cleared by hardware
after completion of erase).
0
=
Perform a program Flash write operation on the next WR command.
bit 3
Unimplemented: Read as ‘0’
bit 2
WREN: Program/Erase Enable bit
1
=
Allows program/erase cycles.
0
=
Inhibits programming/erasing of Program Flash and Data EEPROM.
bit 1
WR: Write Control bit
1
=
Initiates a program Flash program/erase operation.
The operation is self-timed and the bit is cleared by hardware once operation is complete.
The WR bit can only be set (not cleared) in software.
0
=
Program/erase operation to the Flash is complete and inactive.
bit 0
RD: Read Control bit
1
=
Initiates an program memory read (The RD is cleared in hardware; the RD bit can only be set
(not cleared) in software).
0
=
Does not initiate a program memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com