công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF721 bảng dữ liệu(PDF) 164 Page - Microchip Technology

tên linh kiện PIC16LF721
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF721 bảng dữ liệu(HTML) 164 Page - Microchip Technology

Back Button PIC16LF721 Datasheet HTML 160Page - Microchip Technology PIC16LF721 Datasheet HTML 161Page - Microchip Technology PIC16LF721 Datasheet HTML 162Page - Microchip Technology PIC16LF721 Datasheet HTML 163Page - Microchip Technology PIC16LF721 Datasheet HTML 164Page - Microchip Technology PIC16LF721 Datasheet HTML 165Page - Microchip Technology PIC16LF721 Datasheet HTML 166Page - Microchip Technology PIC16LF721 Datasheet HTML 167Page - Microchip Technology PIC16LF721 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 164
 2010 Microchip Technology Inc.
Since data is being written to buffer registers, the
writing of the first 31 words of the block appears to
occur immediately. The processor will halt internal
operations for the typical 4ms, only during the cycle in
which the erase takes place (i.e., the last word of the
32-word block erase). This is not Sleep mode as the
clocks and peripherals will continue to run. After the 32-
word write cycle, the processor will resume operation
with the third instruction after the PMCON1 write
instruction.
FIGURE 18-2:
BLOCK OF 32 WRITES TO FLASH PROGRAM MEMORY
An example of the complete 32-word write sequence is
shown in Example 18-2. The initial address is loaded
into the PMADRH:PMADRL register pair; the 32 words
of data are loaded using indirect addressing.
14
14
14
14
Program Memory
Buffer Register
PMADRL<4:0> = 00000
Buffer Register
PMADRL<4:0> = 00001
Buffer Register
PMADRL<4:0> = 00010
Buffer Register
PMADRL<4:0> = 11111
PMDATL
PMDATH
75
07
0
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com