| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2X bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 496 page ![]() PIC18(L)F2X/4XK22 DS41412C-page 26 Preliminary 2010 Microchip Technology Inc. 10 27 27 25 RE2/CCP5/AN7 RE2 I/O TTL Digital I/O. CCP5 I/O ST Capture 5 input/Compare 5 output/PWM 5 output AN7 I Analog Analog input 7. 118 18 16 RE3/VPP/MCLR RE3 I ST Digital input. VPP P Programming voltage input. MCLR I ST Active-low Master Clear (device Reset) input. 11,32 7, 28 7, 8, 28, 29 7, 26 VDD P — Positive supply for logic and I/O pins. 12,31 6, 29 6,30, 31 6, 27 VSS P — Ground reference for logic and I/O pins. 12,13, 33,34 13 NC TABLE 1-3: PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Number Pin Name Pin Type Buffer Type Description PDIP TQFP QFN UQFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I = Input; O = Output; P = Power. Note 1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. |