| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R32C bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp |
|
47 / 116 page ![]() REJ03B0298-0100 Rev.1.00 Page 47 of 113 Jul 16, 2010 R32C/117A Group 4. Special Function Registers (SFRs) Note: 1. The status of protect bit of each block in flash memory is reflected. Table 4.18 SFR List (18) Address Register Symbol Reset Value 040000h Flash Memory Control Register 0 FMR0 0001 XX00b 040001h Flash Memory Status Register 0 FMSR0 1000 0000b 040002h 040003h 040004h 040005h 040006h 040007h 040008h Flash Register Protection Unlock Register 0 FPR0 00h 040009h Flash Memory Control Register 1 FMR1 0000 0010b 04000Ah Block Protect Bit Monitor Register 0 FBPM0 ??X? ????b (1) 04000Bh Block Protect Bit Monitor Register 1 FBPM1 XXX? ????b (1) 04000Ch 04000Dh 04000Eh 04000Fh 040010h 040011h Block Protect Bit Monitor Register 2 FBPM2 ???? ????b (1) 040012h 040013h 040014h 040015h 040016h 040017h 040018h 040019h 04001Ah 04001Bh 04001Ch 04001Dh 04001Eh 04001Fh 040020h PLL Control Register 0 PLC0 0000 0001b 040021h PLL Control Register 1 PLC1 0001 1111b 040022h 040023h 040024h 040025h 040026h 040027h 040028h 040029h 04002Ah 04002Bh 04002Ch 04002Dh 04002Eh 04002Fh X: Undefined Blanks are reserved. No access is allowed. |