| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
117 bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
117 bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp |
|
11 / 114 page ![]() REJ03B0254-0110 Rev.1.10 Page 11 of 111 Jun 23, 2010 R32C/117 Group 1. Overview 1.3 Block Diagram Figure 1.2 shows a block diagram of the R32C/117 Group. Figure 1.2 R32C/117 Group Block Diagram Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 Port P6 8 8 8 8 8 8 8 Peripheral functions Timer: Timer A 16 bits × 5 timers Timer B 16 bits × 6 timers Three-phase motor controller Watchdog timer: 15 bits D/A converter: 8 bits × 2 channels A/D converter: 10 bits × 1 circuit Standard: 10 inputs Maximum: 34 inputs (1) Serial interface: 9 channels X-Y converter: 16 bits × 16 bits Clock generator: 4 circuits - XIN-XOUT - XCIN-XCOUT - On-chip oscillator - PLL frequency synthesizer DMAC CRC calculator (CCITT) X16 + X12 + X5 + 1 Intelligent I/O Time Measurement: 16 Wave generation: 24 (2) Serial interface: - Variable-length synchronous serial I/O - IEBus R32C/100 Series CPU Core R2R0 R3R1 R6R4 R7R5 A0 A1 A2 A3 FB SB FLG INTB ISP USP PC SVF SVP VCT R2R0 R3R1 R6R4 R7R5 A0 A1 A2 A3 FB SB Memory ROM RAM Multiplier Port P14 Port P14_1 Port P11 Port P12 Port P13 4 5 8 8 DMAC II Floating-point unit Port P15 8 (Note 4) Notes: 1. 34 inputs are available in the 144-pin package. In the 100-pin package, up to 26 inputs are provided. 2. 24 outputs are available in the 144-pin package. In the 100-pin package, 19 outputs are provided. 3. Eight ports are available in the 144-pin package. In the 100-pin package, five I/O ports and one input- only port (P9_1) are provided. 4. Ports P11 to P15 are available in the 144-pin package only. Multi-master I2C-bus interface: 1 channel CAN module: 1 channel |