| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp |
|
24 / 48 page ![]() R8C/M11A Group, R8C/M12A Group 4. Electrical Characteristics Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0010EJ0010 Rev.0.10 Page 24 of 45 Aug 25, 2010 4. Electrical Characteristics Note: 1. When the oscillation circuit is used: bits CKPT1 to CKPT0 in the EXCKCR register are set to 11b When the oscillation circuit is not used: bits CKPT1 to CKPT0 in the EXCKCR register are set to any value other than 11b Table 4.1 Absolute Maximum Ratings Symbol Parameter Condition Rated Value Unit VCC/AVCC Power supply voltage -0.3 to 6.5 V VI Input voltage XIN XIN-XOUT oscillation on (oscillation circuit used) (1) -0.3 to 1.9 V XIN-XOUT oscillation off (oscillation circuit not used) (1) -0.3 to Vcc + 0.3 V Other pins -0.3 to Vcc + 0.3 V VO Output voltage XOUT XIN-XOUT oscillation on (oscillation circuit used) (1) -0.3 to 1.9 V XIN-XOUT oscillation off (oscillation circuit not used) (1) -0.3 to Vcc + 0.3 V Other pins -0.3 to Vcc + 0.3 V Pd Power consumption -40 °C ≤ Topr ≤ 85 °C500 mW Topr Operating ambient temperature -20 to 85 (N version)/ -40 to 85 (D version) °C Tstg Storage temperature -60 to 150 °C |