| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
35C bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
35C bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 57 page ![]() R8C/35C Group 1. Overview R01DS0006EJ0100 Rev 1.00 Page 10 of 54 Aug. 24, 2010 I: Input O: Output I/O: Input and output Table 1.7 Pin Functions (2) Item Pin Name I/O Type Description Reference voltage input VREF I Reference voltage input pin to A/D converter and D/A converter A/D converter AN0 to AN11 I Analog input pins to A/D converter ADTRG I A/D external trigger input pin D/A converter DA0, DA1 O D/A converter output pins Comparator B IVCMP1, IVCMP3 I Comparator B analog voltage input pins IVREF1, IVREF3 I Comparator B reference voltage input pins I/O port P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_3 to P4_7, P5_6, P5_7, P6_0 to P6_7 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. All ports can be used as LED drive ports. Input port P4_2 I Input-only port |