| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 55 page ![]() R8C/32C Group 1. Overview R01DS0009EJ0100 Rev 1.00 Page 9 of 52 Aug. 24, 2010 I: Input O: Output I/O: Input and output Table 1.6 Pin Functions (2) Item Pin Name I/O Type Description Reference voltage input VREF I Reference voltage input pin to A/D converter A/D converter AN8 to AN11 I Analog input pins to A/D converter ADTRG I A/D external trigger input pin Comparator B IVCMP1, IVCMP3 I Comparator B analog voltage input pins IVREF1, IVREF3 I Comparator B reference voltage input pins I/O port P1_0 to P1_7, P3_3 to P3_5, P3_7, P4_5 to P4_7 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. All ports can be used as LED drive ports. Input port P4_2 I Input-only port |