| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT2004 bảng dữ liệu(PDF) 1 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT2004 bảng dữ liệu(HTML) 1 Page - Princeton Technology Corp |
|
1 / 3 page ![]() PT2004 2.2W x 2 Class-D Audio Power Amplifier Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan DESCRIPTION The PT2004 is a CLASS-D power amplifier designed for audio equipments, maximum output power can reach up to 2.2W x 2 (VDD=5V, RL=4Ω, THD=10%). The PT2004 composed of exclusively designed CLASS-D circuitry (patented) by PTC, along with the most advanced semi-conductor fabricate technology. When compared to the traditional CLASS-AB amplifiers, the PT2004’s shows much higher efficiency (> 80%), low heat dissipation, and also performs superior audio quality. The PT2004’s external circuitry is simple and easily accessible, and consists of flawless self-protection capabilities. The chip’s packaging is small, thus it occupies an insignificant amount of space on the circuit board; therefore, making it the predominant choice when it comes to audio amplifiers. APPLICATIONS • Mobile phone • Portable Media Player • Personal Navigation Device • Hands-free phone FEATURES • CMOS Technology • Stereo differential analogue input • Maximum output power 2.2W(4Ω) × 2 @ THD=10% • Output low-pass LC filter is not necessary • Low EMI radiation, CISPR 22 regulation Compliant • 4 level voltage gain selection • Contains shutdown function for individual channel • Fast start-up time (3.5ms) when shutdown awake up • Built-in short circuit protection • Built-in over-temperature protection • High efficiency (85%, 8Ω load), low heat dissipation • Wafer level WLCSP 16 balls package BLOCK DIAGRAM PT2004 internal block diagram (diagram shows single channel only) A1 R4 R3 INL+ INL- A2 Vref SQ -WAVE Generator Vref A3 Vref Comp Gate Driver PVDD OUTL+ PGND PVDD OUTL- PGND And Control Logic G1 SDR Power Management R1 R2 G0 SDL Vref AGND AVDD 300K 300K |
Số phần tương tự - PT2004 |
|
Mô tả tương tự - PT2004 |