| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS8107E bảng dữ liệu(PDF) 8 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS8107E bảng dữ liệu(HTML) 8 Page - Princeton Technology Corp |
|
8 / 10 page ![]() FS8107E Page 8 April 2003 Phase/Frequency Detector (PFD) The PFD compares an internal input frequency divider output signal, f V, with an internal reference frequency divider output signal, f R, and generates an error signal, DO, which is proportional to the phase error between f V and fR. The DO output is intended for use with a passive filter as shown in Fig. 3. The input/output waveforms for the PFD are shown in Fig. 4. Fig. 3 – Passive low-pass filter circuit Fig. 4 – PFD input/output waveforms DO to VCO R1 R2 C high-Z high-Z high-Z f R f V DO LD |