| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATXMEGA128D4 bảng dữ liệu(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA128D4 bảng dữ liệu(HTML) 40 Page - ATMEL Corporation |
|
40 / 100 page ![]() 40 8135G–AVR–08/10 XMEGA D4 Figure 23-1. ADC overview The ADC may be configured for 8- or 12-bit result, reducing the minimum conversion time (prop- agation delay) from 0.5 µs for 12-bit to 3.7 µs for 8-bit result. ADC conversion results are provided left- or right adjusted with optional ‘1’ or ‘0’ padding. This eases calculation when the result is represented as a signed integer (signed 16-bit number). PORTA has one ADC. Notation of this peripheral is ADCA. ADC C hannel A Register 1-64 X C hannel A M U X selection E vent T rigger C onfiguration R eference selection |