công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG5413 bảng dữ liệu(PDF) 17 Page - Analog Devices

tên linh kiện ADG5413
Giải thích chi tiết về linh kiện  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG5413 bảng dữ liệu(HTML) 17 Page - Analog Devices

Back Button ADG5413 Datasheet HTML 12Page - Analog Devices ADG5413 Datasheet HTML 13Page - Analog Devices ADG5413 Datasheet HTML 14Page - Analog Devices ADG5413 Datasheet HTML 15Page - Analog Devices ADG5413 Datasheet HTML 16Page - Analog Devices ADG5413 Datasheet HTML 17Page - Analog Devices ADG5413 Datasheet HTML 18Page - Analog Devices ADG5413 Datasheet HTML 19Page - Analog Devices ADG5413 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 17 of 20
TRENCH ISOLATION
In the ADG5412 and ADG5413, an insulating oxide layer
(trench) is placed between the NMOS and the PMOS transistors
of each CMOS switch. Parasitic junctions, which occur between
the transistors in junction isolated switches, are eliminated, and
the result is a completely latch-up proof switch.
In junction isolation, the N and P wells of the PMOS and NMOS
transistors form a diode that is reverse-biased under normal
operation. However, during overvoltage conditions, this diode
can become forward-biased. A silicon controlled rectifier (SCR)
type circuit is formed by the two transistors causing a significant
amplification of the current that, in turn, leads to latch-up. With
trench isolation, this diode is removed, and the result is a latch-
up proof switch.
NMOS
PMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Figure 33. Trench Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20