| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC4217 bảng dữ liệu(PDF) 5 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC4217 bảng dữ liệu(HTML) 5 Page - Semtech Corporation |
|
5 / 11 page ![]() SC4217 5 Pin Descriptions Pin # Pin Name Pin Function EN Enable input. Pulling this pin below 0.4V turns off the regulator reducing the quiescent current to a franction of its operating value. The device will be enabled if this pin is left open. Connect to V IN if not being used. 2 VIN Input voltage. For regulation at full load, the input to this pin must be between (V O+0.5V) and 5.5V. Minimum V IN = .8V. A large bulk capacitance should be placed closey to this pin to ensure that the input supply does not sag below .8V. A minimum of 4.7µF ceramic capacitors should be placed directly at this pin. 3 GND Reference ground. The GND pin and the exposed die pad must be connected together at the IC pin. 4 VO The pin is the power output of the device. A minimum of 0µF capactor should be placed directly at this pin. 5 ADJ Use external feedback resistors to program the output voltage. See application circuit on page . V O= [(R2+R)*.24V]/R2. The ADJ pin cannot be tied directly either to VO pin or to GND pin. T THERMAL PAD Thermal pad should be connected to PCB ground plane for thermal and electrical purposes. 1.5uA Reverse Voltage Shutdown Thermal Shutdown VOUT VIN 1.24V REF VDD EN Current Limit Reference VPump RSense VIN GND ADJ VO Block Diagram |