công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC1564 bảng dữ liệu(PDF) 7 Page - Semtech Corporation

tên linh kiện SC1564
Giải thích chi tiết về linh kiện  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 bảng dữ liệu(HTML) 7 Page - Semtech Corporation

Back Button SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation SC1564 Datasheet HTML 10Page - Semtech Corporation SC1564 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SC1564
7
Pin Descriptions
Pin #
Pin Name Pin Function

IN
Input voltage. For regulation at full load, the input to this pin must be between (V
OUT + 0.95V) and 5.5V.
Minimum V
IN = 2.7V.
2
NC
No connect
3
NC
No connect
4
OUT
This pin is the power output of this device, sourcing up to 600mA.
5
ADJ
This pin sets the output voltage when grounded by the set of internal feedback resistors. If
external feedback resistors are used, the output voltage will be:
6
NC
No connect
7
SHDN
Shutdown Input. Pulling this pin high turns the regulator off, reducing the quiescent current to a fraction
of its operating value (typically < 300nA). The device will be enabled if this pin is pulled below 0.4V. Con-
nect to GND if not being used.
8
GND
Reference ground.
T
Thermal Pad Thermal pad for heatsinking purposes. Not connected internally
V
R
)
R
(R
1.200
V
2
2
1
OUT
R1: The resistor connected from OUT to ADJ.
R2: The resistor connected from ADJ to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11