công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC810 bảng dữ liệu(PDF) 3 Page - Semtech Corporation

tên linh kiện SC810
Giải thích chi tiết về linh kiện  Single Input/Single Mode Single-cell Li-ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 bảng dữ liệu(HTML) 3 Page - Semtech Corporation

  SC810_1 Datasheet HTML 1Page - Semtech Corporation SC810_1 Datasheet HTML 2Page - Semtech Corporation SC810_1 Datasheet HTML 3Page - Semtech Corporation SC810_1 Datasheet HTML 4Page - Semtech Corporation SC810_1 Datasheet HTML 5Page - Semtech Corporation SC810_1 Datasheet HTML 6Page - Semtech Corporation SC810_1 Datasheet HTML 7Page - Semtech Corporation SC810_1 Datasheet HTML 8Page - Semtech Corporation SC810_1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC810
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114D.
(2)
This is the input voltage at which the charger is guaranteed to begin operation. This range, VT
UVLO-R
Max to V
OVP-F
Min, applies to charging
sources operating in voltage regulation. Charging sources operating in current limit may be pulled below this range by the charging load.
Maximum operating voltage is the maximum Vsupply as defined in EIA/JEDEC Standard No. 78, paragraph 2.11.
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30.0
BAT, IPRGM (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
STATB, ENB (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
BAT
+ 0.3
VIN Input Current (A). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5
BAT, IPRGM Short-to-Duration . . . . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Ambient Temperature (°C) . . . . . . . . . -40 to +85
VIN Operating Voltage(2) (V) . . . . . . . . . . . . . . . . 4.60 to 8.20
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W). . . . . 68
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Test Conditions: V
VIN
= 4.75V to 5.25V; C
VIN
= C
BAT
= 2.2μF; V
BAT
= 3.7V; Typ values at 25°C; Min and Max at -40°C < T
A
< 85°C, unless specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN Under-Voltage Lockout
Rising Threshold
VT
UVLO-R
4.30
4.45
4.60
V
VIN Under-Voltage Lockout Falling
Threshold (1)
VT
UVLO-F
V
VIN
> V
BAT
2.70
2.85
3.00
V
VIN OVP Rising Threshold
VT
OVP-R
9.6
V
VIN OVP Falling Threshold
VT
OVP-F
8.2
V
VIN OVP Hysteresis
VT
OVP-H
VT
OVP-R
- VT
OVP-F
50
mV
VIN Charging Disabled Quiescent
Current
Iq
VIN_DIS
V
ENB
= V
BAT
23
mA
VIN Charging Enabled Quiescent
Current
Iq
VIN_EN
V
ENB
= 0V, excluding I
BAT
and I
IPRGM
23
mA
CV Regulation Voltage
V
CV
I
BAT
= 50mA, -40°C ≤ T
J
≤ 125°C
4.16
4.20
4.24
V
CV Voltage Load Regulation
V
CV_LOAD
Relative to V
CV
@ 50mA, 1mA ≤ I
BAT
≤ 1A,
-40°C ≤ T
J
≤ 125°C
-20
10
mV
Battery Leakage Current
l
BAT_V0
V
VIN
= 0V
0.1
1
μA
l
BAT_DIS
V
VIN
= 5V, V
ENB
= 2V
0.1
1
μA
l
BAT_MON
V
VIN
= 5V, V
BAT
= V
CV
, ENB not connected
0.1
1
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com