công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATXMEGA256A3B bảng dữ liệu(PDF) 49 Page - ATMEL Corporation

tên linh kiện ATXMEGA256A3B
Giải thích chi tiết về linh kiện  8/16-bit XMEGA A3B Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3B bảng dữ liệu(HTML) 49 Page - ATMEL Corporation

Back Button ATXMEGA256A3B Datasheet HTML 45Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 46Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 47Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 48Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 49Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 50Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 51Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 52Page - ATMEL Corporation ATXMEGA256A3B Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
49
8116H–AVR–08/10
XMEGA A3B
29. Program and Debug Interfaces
29.1
Features
• PDI - Program and Debug Interface (Atmel proprietary 2-pin interface)
• JTAG Interface (IEEE std. 1149.1 compliant)
• Boundary-scan capabilities according to the IEEE Std. 1149.1 (JTAG)
• Access to the OCD system
• Programming of Flash, EEPROM, Fuses and Lock Bits
29.2
Overview
The programming and debug facilities are accessed through the JTAG and PDI physical inter-
faces. The PDI physical uses one dedicated pin together with the Reset pin, and no general
purpose pins are used. JTAG uses four general purpose pins on PORTB.
29.3
JTAG interface
The JTAG physical layer handles the basic low-level serial communication over four I/O lines
named TMS, TCK, TDI, and TDO. It complies to the IEEE Std. 1149.1 for test access port and
boundary scan.
29.4
PDI - Program and Debug Interface
The PDI is an Atmel proprietary protocol for communication between the microcontroller and
Atmel’s development tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com