| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM3 bảng dữ liệu(PDF) 150 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM3 bảng dữ liệu(HTML) 150 Page - ATMEL Corporation |
|
150 / 361 page ![]() 150 4317J–AVR–08/10 AT90PWM2/3/2B/3B 16.11 PSC Input Mode 3: Stop signal, Execute Opposite while Fault active Figure 16-24. PSCn behaviour versus PSCn Input A in Mode 3 PSC Input A is taken into account during DT0 and OT0 only. It has no effect during DT1 and OT1. When PSC Input A event occurs, PSC releases PSCOUTn0, jumps and executes DT1 plus OT1 plus DT0 while PSC Input A is in active state. Even if PSC Input A is released during DT1 or OT1, DT1 plus OT1 sub-cycle is always com- pletely executed. Figure 16-25. PSCn behaviour versus PSCn Input B in Mode 3 PSC Input B is taken into account during DT1 and OT1 only. It has no effect during DT0 and OT0. When PSC Input B event occurs, PSC releases PSCnOUT1, jumps and executes DT0 plus OT0 plus DT1 while PSC Input B is in active state. Even if PSC Input B is released during DT0 or OT0, DT0 plus OT0 sub-cycle is always com- pletely executed. 16.12 PSC Input Mode 4: Deactivate outputs without changing timing. PSCOUTn0 PSCOUTn1 PSC Input A PSC Input B DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT1 OT1 DT1 OT1 PSCOUTn0 PSCOUTn1 PSC Input A PSC Input B DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 |