| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC5578SPWR bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC5578SPWR bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 55 page ![]() Amplifier Resistor String DAC Power-Down Circuitry Resistor Network V X OUT DAC5578 DAC6578 DAC7578 www.ti.com SBAS496A – MARCH 2010 – REVISED AUGUST 2010 For example: C3, C2, C1, and C0 = '0100' and DB14 CLR pin low clears the contents of all DAC registers and DB13 = '11' represent a power-down condition and all DAC buffers and replaces the code with the with High-Z output impedance for a selected channel. code determined by the clear code register. The clear DB14 and DB13 = '01' represents a power-down code register can be written to by applying the condition with 1k Ω output impedance, while DB14 commands showed in Table 14. The default setting of and DB13 = '10' represents a power-down condition the clear code register sets the output of all DAC with 100k Ω output impedance. channels to 0V when the CLR pin is brought low. The CLR pin is falling-edge triggered; therefore, the Table 16. DAC Operating Modes device exits clear code mode on the falling edge of the acknowledge signal that follows LSDB of the next PD1 PD0 write sequence. If the CLR pin is executed (brought (DB14) (DB13) DAC OPERATING MODES low) during a write sequence, this write sequence is 0 0 Power on selected DACs aborted and the DAC registers and DAC buffers are 0 1 Power down selected DACs, 1k Ω to GND cleared as described above. 1 0 Power down selected DACs, 100k Ω to GND When performing a software reset of the device, the 1 1 Power down selected DACs, High-Z to GND clear code register is reset to the default mode (DB5 = '0', DB4 = '0'). Setting the clear code register to Spacer DB4 = '1' and DB5 = '1' ignores any activity on the external CLR pin. SOFTWARE RESET FUNCTION The DACx578 contains a software reset feature. When the software reset feature is executed, the device (all DAC channels) are reset to the power-on reset code. All registers inside the device are reset to the respective default settings. The DACx578 has an additional feature of switching straight to high speed mode after reset. Table 17 shows all the different modes of the software reset function. Table 17. Software Reset Modes Figure 117. Output Stage During Power-Down DB15 DB14 OPERATING MODES Default Software reset. Equivalent to 0 0 Power-on-Reset CLEAR CODE REGISTER AND CLR PIN Software reset and set part in High Speed x 1 The DACx578 contains a clear code register. The Mode clear code register can be accessed via the serial Software reset and maintain High Speed 1 0 interface (I2C) and is user configurable. Bringing the Mode state Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 39 Product Folder Link(s): DAC5578 DAC6578 DAC7578 |