| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM3725 bảng dữ liệu(PDF) 101 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725 bảng dữ liệu(HTML) 101 Page - Texas Instruments |
|
101 / 268 page ![]() DM3730, DM3725 www.ti.com SPRS685 – AUGUST 2010 For more information, see High-Speed USB Host Subsystem and High-Speed USB OTG Controller / High-Speed USB Host Subsystem / High-Speed USB Host Subsystem Environment section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). Table 2-17. Serial Communication Interfaces – USB Signals Description SIGNAL NAME DESCRIPTION TYPE(1 BALL BOTTOM BALL BOTTOM BALL BOTTOM ) (CBP Pkg.) (CBC Pkg.) (CUS Pkg.) HIGH-SPEED UNIVERSAL SERIAL BUS INTERFACE (HSUSB0) hsusb0_clk Dedicated for external transceiver 60-MHz clock input to PHY I T28 W19 R21 hsusb0_stp Dedicated for external transceiver Stop signal O T25 U20 R23 hsusb0_dir Dedicated for external transceiver Data direction control from I R28 V19 P23 PHY hsusb0_nxt Dedicated for external transceiver Next signal from PHY I T26 W18 R22 hsusb0_data0 Dedicated for external transceiver Bidirectional data bus IO T27 V20 T24 hsusb0_data1 Dedicated for external transceiver Bidirectional data bus IO U28 Y20 T23 hsusb0_data2 Dedicated for external transceiver Bidirectional data bus IO U27 V18 U24 hsusb0_data3 Dedicated for external transceiver Bidirectional data bus IO U26 W20 U23 hsusb0_data4 Dedicated for external transceiver Bidirectional data bus IO U25 W17 W24 additional signals for 12-pin ULPI operation hsusb0_data5 Dedicated for external transceiver Bidirectional data bus IO V28 Y18 V23 additional signals for 12-pin ULPI operation hsusb0_data6 Dedicated for external transceiver Bidirectional data bus IO V27 Y19 W23 additional signals for 12-pin ULPI operation hsusb0_data7 Dedicated for external transceiver Bidirectional data bus IO V26 Y17 T22 additional signals for 12-pin ULPI operation MM_FSUSB3 mm3_rxdm Vminus receive data (not used in 3- or 4-pin configurations) IO AE3 K3 NA(2) mm3_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AH3 M3 NA(2) mm3_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AD1 U4 NA mm3_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AE1 V3 NA mm3_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AD2 R3 NA mm3_txen_n Transmit enable IO AC1 T3 NA MM_FSUSB2 mm2_rxdm Vminus receive data (not used in 3- or 4-pin configurations) IO AH7 AF7 AD11 mm2_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AF7 AF6 AC9 mm2_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AG8 AF9 AC11 mm2_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AH8 AE9 AD12 mm2_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AB2 T8 R5 mm2_txen_n Transmit enable IO V3 V9 M4 MM_FSUSB1 mm1_rxdm Vminus receive data (not used in 3- or 4-pin configurations) IO AG9 V2 AD5 mm1_rxdp Vplus receive data (not used in 3- or 4-pin configurations) IO AF10 AB2 AC1 mm1_rxrcv Differential receiver signal input (not used in 3-pin mode) IO AF11 AC3 AD6 mm1_txse0 Single-ended zero. Used as VM in 4-pin VP_VM mode. IO AG12 AD4 AC6 mm1_txdat USB data. Used as VP in 4-pin VP_VM mode. IO AH12 AD3 AC7 mm1_txen_n Transmit enable IO AH14 AD2 AD9 HSUSB2 hsusb2_clk Dedicated for external transceiver 60-MHz clock input to PHY O AE7 AE4 AC3 hsusb2_stp Dedicated for external transceiver Stop signal O AF7 AF6 AC9 hsusb2_dir Dedicated for external transceiver Data direction control from I AG7 AE6 AC10 PHY hsusb2_nxt Dedicated for external transceiver Next signal from PHY I AH7 AF7 AD11 hsusb2_data0 Dedicated for external transceiver Bidirectional data bus IO AG8 AF9 AC11 hsusb2_data1 Dedicated for external transceiver Bidirectional data bus IO AH8 AE9 AD12 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = High-impedance, D = Open Drain, DS = Differential, A = Analog) (2) This pin is not supported on the CUS package. Copyright © 2010, Texas Instruments Incorporated TERMINAL DESCRIPTION 101 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |