| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1105RTZR bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1105RTZR bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 34 page ![]() www.ti.com V pu(3.3) SPEED SOFTCON RCV VPO/VO VP VM 1.65Vto3.6V System ASIC D– D+ 1.5kW V BUS V CC(5.0) OE V reg(3.3) SUSPND MODE (A) VMO/FSE0 V CC(I/O) 0.1µF 3.3V V CC 33 W 33 W 0.1µF 0.1µF TUSB1105/1106 GND GND GND GND GND Peripheral-Side (Low-Speed) Regulator Bypass Mode TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818D – MAY 2006 – REVISED FEBRUARY 2008 A. Only for TUSB1105 Figure 9. Peripheral-Side (Low-Speed) Regulator Bypass Mode This mode is applicable when there is a 3.3-V supply already available on the board. The VBUS pin of the USB connector, if left unused at the peripheral side, should be terminated with a 0.1- µF capacitor. While operating at low speed, the 1.5-k Ω resistor must to be connected between the D– line and VPU(3.3) or an external 3.3-V supply. When the VCC(5.0) and the Vreg(3.3) are connected together, the device operates at regulator bypass mode. This enables power savings since the regulator is turned off. Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Link(s): TUSB1105 TUSB1106 |