công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0901512114 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 0901512114
Giải thích chi tiết về linh kiện  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 14 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX10 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901512114 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  0901512114 Datasheet HTML 1Page - Molex Electronics Ltd. 0901512114 Datasheet HTML 2Page - Molex Electronics Ltd. 0901512114 Datasheet HTML 3Page - Molex Electronics Ltd. 0901512114 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901512114
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid III™ PC Board Connector, Dual Row, Vertical, 14 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
90151
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid III™
Physical
Circuits (Loaded)
14
Color - Resin
Black
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to PCB
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90151Series
Mates With
0.64mm (.025") square pins


Số phần tương tự - 0901512114

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0901512110 MOLEX10-0901512110 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 10 Circuits
0901512112 MOLEX10-0901512112 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 12 Circuits
0901512116 MOLEX10-0901512116 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 16 Circuits
0901512118 MOLEX10-0901512118 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 18 Circuits
More results

Mô tả tương tự - 0901512114

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0901512360 MOLEX10-0901512360 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512160 MOLEX10-0901512160 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512144 MOLEX10-0901512144 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 44 Circuits
0901512130 MOLEX10-0901512130 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 30 Circuits
0901512116 MOLEX10-0901512116 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 16 Circuits
0901512350 MOLEX10-0901512350 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 50 Circuits
0901512216 MOLEX10-0901512216 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 16 Circuits
0901512332 MOLEX10-0901512332 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 32 Circuits
0901512314 MOLEX10-0901512314 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 14 Circuits
0901512214 MOLEX10-0901512214 Datasheet
217Kb / 4P
2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 14 Circuits
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com