công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC4024 bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện 2SC4024
Giải thích chi tiết về linh kiện  Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4024 bảng dữ liệu(HTML) 1 Page - Sanken electric

  2SC4024 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
2SC4024
Silicon NPN Epitaxial Planar Transistor
Application : DC-DC Converter, Emergency Lighting Inverter and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
100
50
15
10
3
35(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
10max
10max
50min
300 to 1600
0.5max
24typ
150typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=100V
VEB=15V
IC=25mA
VCE=4V, IC=1A
IC=5A, IB=0.1A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
4
2
6
10
8
24
6
Collector-Emitter Voltage V CE(V)
I B=35mA
5mA
25mA
30mA
10mA
15mA
20mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
1.0
1.5
0.5
0.002
0.01
0.1
2
1
Base Current I B(A)
0.02
0.1
0.5
5
11 0
100
500
1000
Collector Current I C(A)
(V CE=4V)
Typ
0.02
0.1
0.5
5
11 0
100
500
1000
Collector Current I C(A)
(V CE=4V)
I C=1A
5A
10A
3A
0.3
0.5
1
4
1
1 0
100
1000
Time t(ms)
10
50
3
5
100
0.2
1
0.5
30
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
1ms
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50x50x2
100x100x2
150x150x2
0
10
2
4
8
6
0
1.2
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
25˚C
–30˚C
125˚C
–0.05 –0.1
–1
–0.5
–5
–10
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
4
IC
(A)
5
IB2
(A)
–0.1
ton
(
µs)
0.5typ
tstg
(
µs)
2.0typ
tf
(
µs)
0.5typ
IB1
(A)
0.1
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
High hFE
LOW VCE (sat)


Số phần tương tự - 2SC4024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
2SC4024 SANKEN-2SC4024 Datasheet
33Kb / 1P
Silicon NPN Epitaxial Planar Transistor
2SC4024 SANKEN-2SC4024 Datasheet
33Kb / 1P
Silicon NPN Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SC4024 ISC-2SC4024 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanken electric
2SC4024 SANKEN-2SC4024_1 Datasheet
33Kb / 1P
Silicon NPN Epitaxial Planar Transistor
More results

Mô tả tương tự - 2SC4024

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC3835 SANKEN-2SC3835 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC4064 SANKEN-2SC4064 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4065 SANKEN-2SC4065 Datasheet
25Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4131 SANKEN-2SC4131 Datasheet
25Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose)
2SC4153 SANKEN-2SC4153 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC5370 SANKEN-2SC5370 Datasheet
12Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Emergency Lighting Inverter and General Purpose)
logo
Sanyo Semicon Device
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com