| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RH5RL41AC bảng dữ liệu(PDF) 2 Page - RICOH electronics devices division |
|
|
|||||||||||||||||||||||||||||
RH5RL41AC bảng dữ liệu(HTML) 2 Page - RICOH electronics devices division |
|
2 / 18 page ![]() VOLTAGE REGULATOR R ×5RL SERIES 1 OUTLINE The R ×5RL Series are voltage regulator ICs with high accuracy output voltage and ultra-low quiescent cur- rent by CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, a driver tran- sistor, and resistors for setting output voltage. The output voltage is fixed with high accuracy. Three types of packages, TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold), are available. • Ultra-low Quiescent Current ...........................TYP. 1.1µA (R ×5RL30A, VIN=5.0V) • Small Dropout Voltage .....................................TYP. 30mV (R ×5RL50A, IOUT=1mA) • Low Temperature-Drift Coefficient of Output Voltage ...............TYP. ±100 ppm/˚C • Excellent Line Regulation.................................TYP. 0.1%/V • Output Voltage ..................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible (refer to Selection Guide). • High Accuracy Output Voltage.........................±2.5% • Three Types of Packages...................................TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold) FEATURES APPLICATIONS • Power source for battery-powered equipment. • Power source for cameras, video instruments such as camcorders, VCRs, and hand- held communication equipment. • Precision voltage references. BLOCK DIAGRAM 2 1 3 Vref VOUT GND VIN – + 1 |