công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R3131N30EC bảng dữ liệu(PDF) 19 Page - RICOH electronics devices division

tên linh kiện R3131N30EC
Giải thích chi tiết về linh kiện  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EC bảng dữ liệu(HTML) 19 Page - RICOH electronics devices division

Back Button R3131N30EC Datasheet HTML 15Page - RICOH electronics devices division R3131N30EC Datasheet HTML 16Page - RICOH electronics devices division R3131N30EC Datasheet HTML 17Page - RICOH electronics devices division R3131N30EC Datasheet HTML 18Page - RICOH electronics devices division R3131N30EC Datasheet HTML 19Page - RICOH electronics devices division R3131N30EC Datasheet HTML 20Page - RICOH electronics devices division R3131N30EC Datasheet HTML 21Page - RICOH electronics devices division R3131N30EC Datasheet HTML 22Page - RICOH electronics devices division R3131N30EC Datasheet HTML 23Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
18
OPERATION
• Operation of R3130N Series
VDD
OUT
Pch
Ra
Rb
Nch
GND
Comparator
Vref
-
+
Delay
Circuit
Block Diagram
• CMOS Output Type
OUT pin is connected to the drain
of Nch Tr. and Pch Tr. in this IC.
• Nch Open Drain Output Type
OUT pin is connected to the drain
of Nch Tr. in this IC. (OUT pin should be
pulled up to VDD or an external voltage
level.)
Minimum Operating
Voltage(VDDL)
Tdelay
GND
GND
B
A
1
2
3
4
5
Supply
Voltage
(VDD)
Output
Voltage
(OUT)
Detector Threshold(VDET)
=Released Voltage
Operating Diagram
In the above diagram,
! Output Voltage becomes equal to supply voltage (Nch Open Drain Output Type; equal to pull-up Voltage).
"
When Supply Voltage is down to the detector threshold level (Point A), Vref ≥ VDD× Rb/(Ra+Rb) is true. Then,
Output of the comparator is reversed, thus output voltage becomes equal to GND level.
#
When Supply Voltage is lower than minimum operating voltage, Output of transistor is indefinite, therefore Out-
put is also indefinite.
$
Output Voltage is equal to GND level.
%
When Supply voltage is higher than Released Voltage (Point B), Vref ≤ VDD× Rb/(Ra+Rb) is true. Then Output of
the comparator is reversed, thus Output Voltage becomes equal to Supply Voltage (Nch Open Drain Output Type;
equal to pull-up voltage).
* There is no hysteresis range between Detector threshold and Released Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com