| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA9110A bảng dữ liệu(PDF) 7 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9110A bảng dữ liệu(HTML) 7 Page - Sames |
|
7 / 18 page ![]() SA9110A sames 7/18 3. LCD Driver The SA9110A has an on-chip LCD driver capable of driving a 4 backplane, 7 digit (7 segment) display, as well as 6 announciators. The backplane repitition frequency is approximately 90Hz. The most significant digit is addressed by columns S[13] and S[12] and the least significant digit by S[1] and S[0]. Announciators for the total register, 4 tariff registers and energy direction indication are available on the 'h' segments of the 6 least significant digits. The display segments are addressed via the column outputs given in the table below: GND DD V DR-00954 VOLTAGE SENSOR INPUT IVP SS V CURRENT SENSOR INPUTS IIN IIP SS V DD SS V V VDD A V A I |