công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA9109B bảng dữ liệu(PDF) 7 Page - Sames

tên linh kiện SA9109B
Giải thích chi tiết về linh kiện  MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMES [Sames]
Trang chủ  http://www.sames.co.za
Logo SAMES - Sames

SA9109B bảng dữ liệu(HTML) 7 Page - Sames

Back Button SA9109B Datasheet HTML 3Page - Sames SA9109B Datasheet HTML 4Page - Sames SA9109B Datasheet HTML 5Page - Sames SA9109B Datasheet HTML 6Page - Sames SA9109B Datasheet HTML 7Page - Sames SA9109B Datasheet HTML 8Page - Sames SA9109B Datasheet HTML 9Page - Sames SA9109B Datasheet HTML 10Page - Sames SA9109B Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SA9109B
sames
7/18
3.
LCD Driver
The SA9109B has an on-chip LCD driver capable of driving a 4 backplane, 7 digit
(7 segment) display, as well as 6 announciators.
The backplane repetition frequency is approximately 90Hz.
The most significant digit is addressed by columns S[13] and S[12] and the least
significant digit by S[1] and S[0]. Announciators for the 4 tariff registers, the total
register and energy direction are available on the `h' segment of the 6 least
significant digits. The display segments are addressed via the column outputs given
in the table below:
GN D
DD
V
VO LTA G E
SEN S O R
IN P U T
DR-01254
IV N
SS
V
IIP
CURRE N T
SEN S O R
IN P U TS
IIN
SS
V
DD
SS
V
V
VDD
A V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18