công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA9101 bảng dữ liệu(PDF) 2 Page - Sames

tên linh kiện SA9101
Giải thích chi tiết về linh kiện  PCM FRAME ALIGNER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMES [Sames]
Trang chủ  http://www.sames.co.za
Logo SAMES - Sames

SA9101 bảng dữ liệu(HTML) 2 Page - Sames

  SA9101 Datasheet HTML 1Page - Sames SA9101 Datasheet HTML 2Page - Sames SA9101 Datasheet HTML 3Page - Sames SA9101 Datasheet HTML 4Page - Sames SA9101 Datasheet HTML 5Page - Sames SA9101 Datasheet HTML 6Page - Sames SA9101 Datasheet HTML 7Page - Sames SA9101 Datasheet HTML 8Page - Sames SA9101 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
SA9101
sames
2/40
Description (Cont.)
status and error conditions are reported through the µP interface. In the transmit
direction, Frame (and Multiframe) alignment, signalling data insertion and HDB3 coding
is performed.
If Multiframe format is enabled, CRC4 extraction and checking are carried out in the
receive direction and CRC4 data is inserted in the transmit direction.
Stacks for transmit and receive signalling data with DMA capability as well as maskable
interrupt sources simplify interfacing to microcontrollers.
Alarm simulation capabilities and selectable channel-loopback, support system
diagnostics.
Different transparent modes for timeslot 0 in transmit direction simplify system test and
data transmission through the system.
Advanced algorithms for synchronisation of doubleframe and CRC4 multiframe format
data, and monitoring of frame and doubleframe formats minimise loss of data.
Control Registers allow different control settings through the µP interface.
Advanced C-MOS Technology ensures low power consumption and high reliability.
The device is upwards compatible with the Siemens ACFA (PEB 2035 V4.1) in PCM30
mode.
Package: DIP/DIC - 40
Package: PLCC - 44
PIN CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40