công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RH5VT45A-RR bảng dữ liệu(PDF) 13 Page - RICOH electronics devices division

tên linh kiện RH5VT45A-RR
Giải thích chi tiết về linh kiện  LOW VOLTAGE DETECTOR?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VT45A-RR bảng dữ liệu(HTML) 13 Page - RICOH electronics devices division

Back Button RH5VT45A-RR Datasheet HTML 9Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 10Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 11Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 12Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 13Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 14Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 15Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 16Page - RICOH electronics devices division RH5VT45A-RR Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
R
×5VT
9
•
R
×5VT54A/C
Topt=25˚C
(Note 1)
Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less, provided that in the case of
Nch Open Drain Type Products, the pull-up resistance is set at 470k
Ω, and the pull-up voltage is set at 5.0V.
(Note 2)
Refer to the previously defined “Output Delay Time
tPLH”.
•
R
×5VT45A/C
Topt=25˚C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
4.388
4.500
4.612
V
0.135
0.225
0.315
V
VDD=4.34V
1.1
3.3
VDD=6.50V
1.3
3.9
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=1.50V
1.00
2.00
Pch VDS=–2.1V,VDD=8.0V
1.5
3.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆ Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
5.265
5.400
5.535
V
0.162
0.270
0.378
V
VDD=5.20V
1.2
3.6
VDD=7.40V
1.4
4.2
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=1.50V
1.00
2.00
Pch VDS=–2.1V,VDD=8.0V
1.5
3.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com