| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA2002HPA bảng dữ liệu(PDF) 10 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA2002HPA bảng dữ liệu(HTML) 10 Page - Sames |
|
10 / 12 page ![]() 10/12 sames sames SA2002H http://www.sames.co.za Symbol Description Detail SA2002H Diode, Silicon, 1N4002 Diode, Silicon, 1N4002 Diode, Zener, 2.4V Diode, Zener, 2.4V Resistor, 110k, 1/4W, 1% metal Resistor, 110k, 1/4W, 1% metal Resistor, 110k, 1/4W, 1%, metal Resistor, 680, 1/4W, 1%, metal Resistor, 680, 1/4W, 1%, metal Resistor, 820, 1/4W, 1%, metal Resistor, 820, 1/4W, 1%, metal Resistor, 47R, 2W, 5%, wire wound Resistor, 22k 1/4W, 1%, metal Resistor, 1M, 1/4W, 1%, metal Resistor, 24k, 1/4W, 1%, metal Trim pot, 5k, Multi turn Capacitor, 220nF Capacitor, 220nF Capacitor, 100uF, 16V, electrolytic Capacitor, 100uF, 16V, electrolytic U1 D1 D2 D3 DIP-14 D4 R1 R2 R3 R4 R5 R6 R7 R8 R10 R11 R12 R13 P1 C1 C2 C3 C4 Shunt resistor Parts List for Application Circuit: Figure 10 Note 1: Resistor (R6 and R7) values are dependant on the selected shunt resistor (R14) value. Note 2: Capacitor C6 to be positioned as close as possible to supply pins. Note 1 Note 1 Capacitor, 330nF, 250VAC Capacitor, 820nF C5 C6 Note 2 |