công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA-331 bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện BA-331
Giải thích chi tiết về linh kiện  Step Down Butt Splice for 14-22 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX4 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BA-331 bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  BA-331 Datasheet HTML 1Page - Molex Electronics Ltd. BA-331 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192150013
Status:
Active
Description:
Step Down Butt Splice for 14-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19215
Comments
Step down: 14/16 to 18/22 AWG
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Step Down
Physical
Barrel Type
Closed
Insulation
None
Packaging Type
Bag
Temperature Range - Operating
149°C
Wire Insulation Diameter
N/A
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
N/A
Material Info
Old Part Number
BA-331
Reference - Drawing Numbers
Sales Drawing
SD-19215-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19215Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Số phần tương tự - BA-331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ASM GmbH
BA-30TA-S ASM-SENSOR-BA-30TA-S Datasheet
695Kb / 2P
Infrarot-Temperatur-Messger채te
BA-30TC ASM-SENSOR-BA-30TC Datasheet
695Kb / 2P
Infrarot-Temperatur-Messger채te
BA-30TV-S ASM-SENSOR-BA-30TV-S Datasheet
695Kb / 2P
Infrarot-Temperatur-Messger채te
logo
BRIGHT LED ELECTRONICS ...
BA-3D12UW BRIGHT-BA-3D12UW Datasheet
149Kb / 3P
super red chips, which are made from AlGaAs on GaAs substrate
BA-3E12UW BRIGHT-BA-3E12UW Datasheet
179Kb / 3P
hi-eff red chips, which are made from GaAsP on GaP substrate
More results

Mô tả tương tự - BA-331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0192150037 MOLEX4-0192150037 Datasheet
108Kb / 3P
Step Down Butt Splice for 8-12 AWG Wire
0192150042 MOLEX4-0192150042 Datasheet
108Kb / 3P
Step Down Butt Splice for 6-8 AWG Wire
0191540036 MOLEX4-0191540036 Datasheet
68Kb / 2P
Step Down Butt Splice for 16-14 AWG Wire Yellow w/Blue Stripe
0191540022 MOLEX4-0191540022 Datasheet
69Kb / 2P
Step Down Butt Splice for 14-22 AWG Wire Blue w/Red Stripe
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
InsulKrimp??Butt Splice for 18-22 AWG Wire
0191540057 MOLEX4-0191540057 Datasheet
69Kb / 3P
Step Down Butt Splice for 16-14 AWG Wire Blue w/Red Stripe
0191640043 MOLEX4-0191640043 Datasheet
85Kb / 2P
Perma-Seal??Step Down Butt Splice for 14-16 AWG to 18-22 AWG Wire
0191540023 MOLEX4-0191540023 Datasheet
57Kb / 3P
InsulKrimp??Butt Splice for 14-16 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
Nylakrimp??Butt Splice for 18-22 AWG Wire
0192150023 MOLEX4-0192150023 Datasheet
107Kb / 2P
Step Down Butt Splice for 10-16 AWG Wire
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com