công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5556GS7F bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 5556GS7F
Giải thích chi tiết về linh kiện  4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX3 [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5556GS7F bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  5556GS7F Datasheet HTML 1Page - Molex Electronics Ltd. 5556GS7F Datasheet HTML 2Page - Molex Electronics Ltd. 5556GS7F Datasheet HTML 3Page - Molex Electronics Ltd. 5556GS7F Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000428
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit™ Crimp Terminal, Female, with Selective Gold (Au) and
Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
Documents:
Test Summary (PDF)
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
Product Specification PS-5556-002 (PDF)
Product Specification PS-51010-007 (PDF)
Product Specification PS-5556-003 (PDF)
Product Specification PS-52034-005 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
5556
Crimp Quality Equipment
Yes
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Durability (mating cycles max)
30
Gender
Receptacle
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Packaging Type
Reel
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.30-3.10mm (.051-.122")
Wire Size AWG
18, 20, 22, 24
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Material Info
Old Part Number
5556GS7F
Reference - Drawing Numbers
Product Specification
PS-51010-007, PS-52034-005, PS-5556-001,
PS-5556-002, PS-5556-003, RPS-501609-001,
RPS-501609-002
Sales Drawing
SD-5556-006
Test Summary
TS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5556Series
Mates With
5558 Male Crimp Terminals. Mini-Fit Jr.™
Header, Dual Row, 5566 , 5569
Use With
5557 Mini-Fit Jr.™ Receptacle Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
FineAdjust™
Applicator for Mini-Fit
Jr.™, Mini-Fit HCS™
Crimp Terminals,
18-24 AWG and
smaller insulation
0639015600


Số phần tương tự - 5556GS7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
5556GS27F MOLEX3-5556GS27F Datasheet
252Kb / 4P
4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Selective Gold (Au)
5556GS2L7F MOLEX3-5556GS2L7F Datasheet
250Kb / 4P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Bag
5556GS3 MOLEX3-5556GS3 Datasheet
254Kb / 4P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, Brass, Gold (Au), 16 AWG, Reel
5556GS3L MOLEX3-5556GS3L Datasheet
252Kb / 4P
4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, Brass, Gold (Au), 16 AWG, Bag
5556GS4 MOLEX3-5556GS4 Datasheet
252Kb / 4P
4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Selective Gold (Au)
More results

Mô tả tương tự - 5556GS7F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0039000211 MOLEX3-0039000211 Datasheet
151Kb / 3P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 16 AWG, Reel
0039000139 MOLEX3-0039000139 Datasheet
251Kb / 4P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Reel
0039000429 MOLEX3-0039000429 Datasheet
250Kb / 4P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Bag
0039000435 MOLEX3-0039000435 Datasheet
250Kb / 4P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Bag
0039000140 MOLEX3-0039000140 Datasheet
248Kb / 3P
4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Bag
0039000207 MOLEX3-0039000207 Datasheet
151Kb / 3P
4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
0039000208 MOLEX3-0039000208 Datasheet
149Kb / 3P
4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Bag
39-00-0207 MOLEX11-39-00-0207 Datasheet
96Kb / 3P
4.20mm Pitch Mini-Fit짰 Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
39-00-0428 MOLEX11-39-00-0428 Datasheet
97Kb / 2P
4.20mm Pitch Mini-Fit짰 Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
39-00-0073 MOLEX11-39-00-0073 Datasheet
97Kb / 2P
4.20mm Pitch Mini-Fit짰 Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com